PART |
Description |
Maker |
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SA1813 0156 |
PNP Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier Driver, Muting Circuit Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1732 0137 |
PNP Epitaxial Planar Silicon Transistor High-Speed Switching Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1702 0122 |
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1765 |
PNP Epitaxial Planar Silicon Transistor High-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1731 |
PNP Epitaxial Planar Silicon Transistor High-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1815 |
PNP Epitaxial Planar Silicon Transistor FM, RF, MIX, IF Amplifier, High-Frequency General-Purpose Amplifier Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1519 0086 |
PNP Epitaxial Planar Silicon Transistors Switching Applications (with Bias Resistance) From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1847 |
PNP epitaxial type silicon transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
|
NEC[NEC]
|
2SA1607 2SC4168 |
PNP Epitaxial Planar Silicon Transistors High-Speed Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
CPH3105 CPH3205 |
PNP Silicon Epitaxial Planar Transistors High-Current Switching Applications PNP/NPN Silicon Epitaxial Planar Transistors
|
SANYO[Sanyo Semicon Device]
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|